Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 166Page - Renesas Technology Corp HD64F2145 Datasheet HTML 167Page - Renesas Technology Corp HD64F2145 Datasheet HTML 168Page - Renesas Technology Corp HD64F2145 Datasheet HTML 169Page - Renesas Technology Corp HD64F2145 Datasheet HTML 170Page - Renesas Technology Corp HD64F2145 Datasheet HTML 171Page - Renesas Technology Corp HD64F2145 Datasheet HTML 172Page - Renesas Technology Corp HD64F2145 Datasheet HTML 173Page - Renesas Technology Corp HD64F2145 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 829 page
background image
Rev. 2.0, 08/02, page 130 of 788
6.5.4
Wait Control
When accessing the external address space, this LSI can extend the bus cycle by inserting one or
more wait states (T
W). There are three ways of inserting wait states: Program wait insertion, pin
wait insertion using the
:$,7 pin, and the combination of program wait and the :$,7 pin.
Program Wait Mode: A specified number of wait states T
W can be inserted automatically
between the T
2 state and T3 state when accessing the external address space always according to
the settings of the WC1 and WC0 bits in WSCR.
Pin Wait Mode: A specified number of wait states T
W can be inserted automatically between the
T
2 state and T3 state when accessing the external address space always according to the settings of
the WC1 and WC0 bits. If the
:$,7 pin is low at the falling edge of ø in the last T
2 or TW state,
another T
W state is inserted. If the :$,7 pin is held low, TW states are inserted until it goes high.
This is useful when inserting four or more T
W states, or when changing the number of TW states to
be inserted for each external device.
Pin Auto-Wait Mode: A specified number of wait states T
W can be inserted automatically
between the T
2 state and T3 state when accessing the external address space according to the
settings of the WC1 and WC0 bits if the
:$,7 pin is low at the falling edge of ø in the last T
2
state. Even if the
:$,7 pin is held low, T
W states can be inserted only up to the specified number
of states.
This function enables the low-speed memory interface only by inputting the chip select signal to
the
:$,7 pin.
Figure 6.13 shows an example of wait state insertion timing in pin wait mode.
The settings after a reset are: 3-state access, 3 program wait insertion, and
:$,7 pin input
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com