Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 169Page - Renesas Technology Corp HD64F2145 Datasheet HTML 170Page - Renesas Technology Corp HD64F2145 Datasheet HTML 171Page - Renesas Technology Corp HD64F2145 Datasheet HTML 172Page - Renesas Technology Corp HD64F2145 Datasheet HTML 173Page - Renesas Technology Corp HD64F2145 Datasheet HTML 174Page - Renesas Technology Corp HD64F2145 Datasheet HTML 175Page - Renesas Technology Corp HD64F2145 Datasheet HTML 176Page - Renesas Technology Corp HD64F2145 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 829 page
background image
Rev. 2.0, 08/02, page 133 of 788
6.7
Idle Cycle
When this LSI accesses the external address space, it can insert a 1-state idle cycle (T
I) between
bus cycles when a write cycle occurs immediately after a read cycle. By inserting an idle cycle it is
possible, for example, to avoid data collisions between ROM with a long output floating time, and
high-speed memory and I/O interfaces.
If an external write occurs after an external read while the ICIS0 bit is set to 1 in BCR, an idle
cycle is inserted at the start of the write cycle.
Figure 6.16 shows examples of idle cycle operation. In these examples, bus cycle A is a read cycle
for ROM with a long output floating time, and bus cycle B is a CPU write cycle. In figure 6.16 (a),
with no idle cycle inserted, a collision occurs in bus cycle B between the read data from ROM and
the CPU write data. In figure 6.16 (b), an idle cycle is inserted, thus preventing data collision.
T
1
Address bus
Ø
Bus cycle A
,
,
Data bus
T
2
T
3
T
1
T
2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
T
1
Address bus
Ø
Bus cycle A
Data bus
T
2
T
3
T
I
T
1
Bus cycle B
(b) Idle cycle insertion
T
2
,
,
Figure 6.16 Examples of Idle Cycle Operation
Table 6.5 shows the pin states in an idle cycle.
Table 6.5
Pin States in Idle Cycle
Pins
Pin State
A23 to A0,
,26
Contents of immediately following bus cycle
D15 to D0
High impedance
$6
High
5'
High
+:5, /:5
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com