Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 173Page - Renesas Technology Corp HD64F2145 Datasheet HTML 174Page - Renesas Technology Corp HD64F2145 Datasheet HTML 175Page - Renesas Technology Corp HD64F2145 Datasheet HTML 176Page - Renesas Technology Corp HD64F2145 Datasheet HTML 177Page - Renesas Technology Corp HD64F2145 Datasheet HTML 178Page - Renesas Technology Corp HD64F2145 Datasheet HTML 179Page - Renesas Technology Corp HD64F2145 Datasheet HTML 180Page - Renesas Technology Corp HD64F2145 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 829 page
background image
Rev. 2.0, 08/02, page 137 of 788
7.2.1
DTC Mode Register A (MRA)
MRA selects the DTC operating mode.
Bit
Bit Name
Initial Value
R/W
Description
7
6
SM1
SM0
Undefined
Undefined
—
—
Source Address Mode 1, 0
These bits specify an SAR operation after a data
transfer.
0X: SAR is fixed
10: SAR is incremented after a transfer
(by +1 when Sz = 0, by +2 when Sz = 1)
11: SAR is decremented after a transfer
(by –1 when Sz = 0, by –2 when Sz = 1)
5
4
DM1
DM0
Undefined
Undefined
—
—
Destination Address Mode 1, 0
These bits specify a DAR operation after a data
transfer.
0X: DAR is fixed
10: DAR is incremented after a transfer
(by +1 when Sz = 0, by +2 when Sz = 1)
11: DAR is decremented after a transfer
(by –1 when Sz = 0, by –2 when Sz = 1)
3
2
MD1
MD0
Undefined
Undefined
—
—
DTC Mode
These bits specify the DTC transfer mode.
00: Normal mode
01: Repeat mode
10: Block transfer mode
11: Setting prohibited
1
DTS
Undefined
—
DTC Transfer Mode Select
Specifies whether the source side or the destination
side is set to be a repeat area or block area in repeat
mode or block transfer mode.
0: Destination side is repeat area or block area
1: Source side is repeat area or block area
0
Sz
Undefined
—
DTC Data Transfer Size
Specifies the size of data to be transferred.
0: Byte-size transfer
1: Word-size transfer
Legend:
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com