Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 177Page - Renesas Technology Corp HD64F2145 Datasheet HTML 178Page - Renesas Technology Corp HD64F2145 Datasheet HTML 179Page - Renesas Technology Corp HD64F2145 Datasheet HTML 180Page - Renesas Technology Corp HD64F2145 Datasheet HTML 181Page - Renesas Technology Corp HD64F2145 Datasheet HTML 182Page - Renesas Technology Corp HD64F2145 Datasheet HTML 183Page - Renesas Technology Corp HD64F2145 Datasheet HTML 184Page - Renesas Technology Corp HD64F2145 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 829 page
background image
Rev. 2.0, 08/02, page 141 of 788
diagram of DTC activation source control. For details on the interrupt controller, see section 5,
Interrupt Controller.
CPU
DTC
DTCER
Source flag cleared
On-chip
peripheral
module
IRQ interrupt
Interrupt
request
Clear
Clear
controller
Clear request
Interrupt controller
Interrupt mask
Select
DTVECR
Figure 7.2 Block Diagram of DTC Activation Source Control
7.4
Location of Register Information and DTC Vector Table
Locate the register information in the on-chip RAM (addresses: H'(FF)EC00 to H'(FF)EFFF).
Register information should be located at an address that is a multiple of four within the range.
The method for locating the register information in address space is shown in figure 7.3. Locate
MRA, SAR, MRB, DAR, CRA, and CRB, in that order, from the start address of the register
information. In the case of chain transfer, register information should be located in consecutive
areas as shown in figure 7.3, and the register information start address should be located at the
vector address corresponding to the interrupt source in the DTC vector table. The DTC reads the
start address of the register information from the vector table set for each activation source, and
then reads the register information from that start address.
When the DTC is activated by software, the vector address is obtained from: H'0400 +
(DTVECR[6:0]
× 2). For example, if DTVECR is H'10, the vector address is H'0420.
The configuration of the vector address is the same in both normal and advanced modes; a 2-byte
unit is used in both cases. Specify the lower two bits of the register information start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com