Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 179Page - Renesas Technology Corp HD64F2145 Datasheet HTML 180Page - Renesas Technology Corp HD64F2145 Datasheet HTML 181Page - Renesas Technology Corp HD64F2145 Datasheet HTML 182Page - Renesas Technology Corp HD64F2145 Datasheet HTML 183Page - Renesas Technology Corp HD64F2145 Datasheet HTML 184Page - Renesas Technology Corp HD64F2145 Datasheet HTML 185Page - Renesas Technology Corp HD64F2145 Datasheet HTML 186Page - Renesas Technology Corp HD64F2145 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 829 page
background image
Rev. 2.0, 08/02, page 143 of 788
Table 7.1
Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs
Activation Source
Origin
Activation Source
Vector
Number
DTC Vector
Address
DTCE*
1
Priority
Software
Write to DTVECR
DTVECR
H'0400 + (vector
number
× 2)
—High
IRQ0
16
H'0420
DTCEA7
IRQ1
17
H'0422
DTCEA6
IRQ2
18
H'0424
DTCEA5
External pins
IRQ3
19
H'0426
DTCEA4
A/D converter
ADI
28
H'0438
DTCEA3
ICIA
48
H’0460
DTCEA2
ICIB
49
H'0462
DTCEA1
OCIA
52
H'0468
DTCEA0
FRT
OCIB
53
H'046A
DTCEB7
CMIA0
64
H'0480
DTCEB2
TMR_0
CMIB0
65
H'0482
DTCEB1
CMIA1
68
H'0488
DTCEB0
TMR_1
CMIB1
69
H'048A
DTCEC7
CMIAY
72
H'0490
DTCEC6
TMR_Y
CMIBY
73
H'0492
DTCEC5
IBF1
76
H'0498
DTCEC4
XBS
IBF2
77
H'049A
DTCEC3
RXI0
81
H'04A2
DTCEC2
SCI_0
TXI0
82
H'04A4
DTCEC1
RXI1
85
H'04AA
DTCEC0
SCI_1
TXI1
86
H'04AC
DTCED7
RXI2
89
H'04B2
DTCED6
SCI_2
TXI2
90
H'04B4
DTCED5
IIC_0
IICI0
92
H'04B8
DTCED4
IIC_1
IICI1
94
H'04BC
DTCED3
ERRI
108
H'04D8
DTCEE3
IBFI1
109
H'04DA
DTCEE2
IBFI2
110
H'04DC
DTCEE1
LPC*
2
IBFI3
111
H'04DE
DTCEE0
Low
Notes: 1. DTCE bits with no corresponding interrupt are reserved, and only 0 should be written to
this bit.
2. Not supported by the H8S/2148B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com