Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 180Page - Renesas Technology Corp HD64F2145 Datasheet HTML 181Page - Renesas Technology Corp HD64F2145 Datasheet HTML 182Page - Renesas Technology Corp HD64F2145 Datasheet HTML 183Page - Renesas Technology Corp HD64F2145 Datasheet HTML 184Page - Renesas Technology Corp HD64F2145 Datasheet HTML 185Page - Renesas Technology Corp HD64F2145 Datasheet HTML 186Page - Renesas Technology Corp HD64F2145 Datasheet HTML 187Page - Renesas Technology Corp HD64F2145 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 829 page
background image
Rev. 2.0, 08/02, page 144 of 788
7.5
Operation
The DTC stores register information in on-chip RAM. When activated, the DTC reads register
information in on-chip RAM and transfers data. After the data transfer, the DTC writes updated
register information back to on-chip RAM. The pre-storage of register information in memory
makes it possible to transfer data over any required number of channels. The transfer mode can be
specified as normal, repeat, or block transfer mode. Setting the CHNE bit in MRB to 1 makes it
possible to perform a number of transfers with a single activation source (chain transfer).
The 24-bit SAR designates the DTC transfer source address, and the 24-bit DAR designates the
transfer destination address. After each transfer, SAR and DAR are independently incremented,
decremented, or left fixed depending on its register information.
Start
End
Read DTC vector
Read register information
Data transfer
Write register information
Clear an activation flag
Interrupt exception
handling
Clear DTCER
CHNE = 1
Next transfer
Yes
Yes
No
Transfer counter = 0
or DISEL = 1
No
Figure 7.4 DTC Operation Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com