Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 184Page - Renesas Technology Corp HD64F2145 Datasheet HTML 185Page - Renesas Technology Corp HD64F2145 Datasheet HTML 186Page - Renesas Technology Corp HD64F2145 Datasheet HTML 187Page - Renesas Technology Corp HD64F2145 Datasheet HTML 188Page - Renesas Technology Corp HD64F2145 Datasheet HTML 189Page - Renesas Technology Corp HD64F2145 Datasheet HTML 190Page - Renesas Technology Corp HD64F2145 Datasheet HTML 191Page - Renesas Technology Corp HD64F2145 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 829 page
background image
Rev. 2.0, 08/02, page 148 of 788
In the case of transfer with the CHNE bit set to 1, an interrupt request to the CPU is not generated
at the end of the specified number of transfers or by setting of the DISEL bit to 1, and the interrupt
source flag for the activation source is not affected.
DTC vector
address
Source
Destination
Source
Destination
Register information
CHNE = 1
Register information
CHNE = 0
Register information
start address
Figure 7.8 Chain Transfer Operation
7.5.5
Interrupts
An interrupt request is issued to the CPU when the DTC has completed the specified number of
data transfers, or a data transfer for which the DISEL bit was set to 1. In the case of interrupt
activation, the interrupt set as the activation source is generated. These interrupts to the CPU are
subject to CPU mask level and priority level control by the interrupt controller.
In the case of software activation, a software-activated data transfer end interrupt (SWDTEND) is
generated.
When the DISEL bit is 1 and one data transfer has been completed, or the specified number of
transfers have been completed, after data transfer ends, the SWDTE bit is held at 1 and an
SWDTEND interrupt is generated. The interrupt handling routine will then clear the SWDTE bit
to 0.
When the DTC is activated by software, an SWDTEND interrupt is not generated during a data
transfer wait or during data transfer even if the SWDTE bit is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com