| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 191 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 191 Page - Renesas Technology Corp |
|
191 / 829 page ![]() Rev. 2.0, 08/02, page 151 of 788 For example, when the DTC vector address table is located in on-chip ROM, normal mode is set, and data is transferred from on-chip ROM to an internal I/O register, then the time required for the DTC operation is 13 states. The time from activation to the end of data write is 10 states. 7.6 Procedures for Using DTC 7.6.1 Activation by Interrupt The procedure for using the DTC with interrupt activation is as follows: 1. Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in on-chip RAM. 2. Set the start address of the register information in the DTC vector address. 3. Set the corresponding bit in DTCER to 1. 4. Set the enable bits for the interrupt sources to be used as the activation sources to 1. The DTC is activated when an interrupt used as an activation source is generated. 5. After one data transfer has been completed, or after the specified number of data transfers have been completed, the DTCE bit is cleared to 0 and a CPU interrupt is requested. If the DTC is to continue transferring data, set the DTCE bit to 1. 7.6.2 Activation by Software The procedure for using the DTC with software activation is as follows: 1. Set the MRA, MRB, SAR, DAR, CRA, and CRB register information in on-chip RAM. 2. Set the start address of the register information in the DTC vector address. 3. Check that the SWDTE bit is 0. 4. Write 1 to the SWDTE bit and the vector number to DTVECR. 5. Check the vector number written to DTVECR. 6. After one data transfer has been completed, if the DISEL bit is 0 and a CPU interrupt is not requested, the SWDTE bit is cleared to 0. If the DTC is to continue transferring data, set the SWDTE bit to 1. When the DISEL bit is 1 or after the specified number of data transfers have been completed, the SWDTE bit is held at 1 and a CPU interrupt is requested. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |