Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 188Page - Renesas Technology Corp HD64F2145 Datasheet HTML 189Page - Renesas Technology Corp HD64F2145 Datasheet HTML 190Page - Renesas Technology Corp HD64F2145 Datasheet HTML 191Page - Renesas Technology Corp HD64F2145 Datasheet HTML 192Page - Renesas Technology Corp HD64F2145 Datasheet HTML 193Page - Renesas Technology Corp HD64F2145 Datasheet HTML 194Page - Renesas Technology Corp HD64F2145 Datasheet HTML 195Page - Renesas Technology Corp HD64F2145 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 829 page
background image
Rev. 2.0, 08/02, page 152 of 788
7.7
Examples of Use of DTC
7.7.1
Normal Mode
An example is shown in which the DTC is used to receive 128 bytes of data via the SCI.
1. Set MRA to a fixed source address (SM1 = SM0 = 0), incrementing destination address (DM1
= 1, DM0 = 0), normal mode (MD1 = MD0 = 0), and byte size (Sz = 0). The DTS bit can have
any value. Set MRB for one data transfer by one interrupt (CHNE = 0, DISEL = 0). Set the
SCI, RDR address in SAR, the start address of the RAM area where the data will be received
in DAR, and 128 (H'0080) in CRA. CRB can be set to any value.
2. Set the start address of the register information at the DTC vector address.
3. Set the corresponding bit in DTCER to 1.
4. Set the SCI to the appropriate receive mode. Set the RIE bit in SCR to 1 to enable the reception
complete (RXI) interrupt. Since the generation of a receive error during the SCI reception
operation will disable subsequent reception, the CPU should be enabled to accept receive error
interrupts.
5. Each time the reception of one byte of data has been completed on the SCI, the RDRF flag in
SSR is set to 1, an RXI interrupt is generated, and the DTC is activated. The receive data is
transferred from RDR to RAM by the DTC. DAR is incremented and CRA is decremented.
The RDRF flag is automatically cleared to 0.
6. When CRA becomes 0 after 128 data transfers have been completed, the RDRF flag is held at
1, the DTCE bit is cleared to 0, and an RXI interrupt request is sent to the CPU. The interrupt
handling routine will perform wrap-up processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com