Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 174Page - Renesas Technology Corp HD64F2145 Datasheet HTML 175Page - Renesas Technology Corp HD64F2145 Datasheet HTML 176Page - Renesas Technology Corp HD64F2145 Datasheet HTML 177Page - Renesas Technology Corp HD64F2145 Datasheet HTML 178Page - Renesas Technology Corp HD64F2145 Datasheet HTML 179Page - Renesas Technology Corp HD64F2145 Datasheet HTML 180Page - Renesas Technology Corp HD64F2145 Datasheet HTML 181Page - Renesas Technology Corp HD64F2145 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 829 page
background image
Rev. 2.0, 08/02, page 138 of 788
7.2.2
DTC Mode Register B (MRB)
MRB selects the DTC operating mode.
Bit
Bit Name
Initial Value
R/W
Description
7
CHNE
Undefined
—
DTC Chain Transfer Enable
When this bit is set to 1, a chain transfer will be
performed. For details, refer to section 7.5.4, Chain
Transfer.
In data transfer with CHNE set to 1, determination of the
end of the specified number of data transfers, clearing
of the interrupt source flag, and clearing of DTCER are
not performed.
6
DISEL
Undefined
—
DTC Interrupt Select
When this bit is set to 1, a CPU interrupt request is
generated every time data transfer ends (the DTC
clears the interrupt source flag for the activation
source). When this bit is cleared to 0, a CPU interrupt
request is generated only when the specified number of
data transfer ends (the DTC does not clear the interrupt
source flag for the activation source).
5
to
0
—
Undefined
—
Reserved
These bits have no effect on DTC operation. Only 0
should be written to these bits.
7.2.3
DTC Source Address Register (SAR)
SAR is a 24-bit register that designates the source address of data to be transferred by the DTC.
For word-size transfer, specify an even source address.
7.2.4
DTC Destination Address Register (DAR)
DAR is a 24-bit register that designates the destination address of data to be transferred by the
DTC. For word-size transfer, specify an even destination address.
7.2.5
DTC Transfer Count Register A (CRA)
CRA is a 16-bit register that designates the number of times data is to be transferred by the DTC.
In normal mode, the entire CRA functions as a 16-bit transfer counter (1 to 65536). It is
decremented by 1 every time data is transferred, and transfer ends when the count reaches H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com