| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 243 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 243 Page - Renesas Technology Corp |
|
243 / 829 page ![]() Rev. 2.0, 08/02, page 203 of 788 Table 8.7 summarizes the input pull-up MOS states. Table 8.7 Input Pull-Up MOS States (Port B) Mode Reset Hardware Standby Mode Software Standby Mode In Other Operations 1, 2, 3 (EXPE = 1) with ABW in WSCR = 0 Off Off 1, 2, 3 (EXPE = 1) with ABW in WSCR = 1, or 2, 3 (EXPE = 0) Off Off On/Off On/Off Legend Off: Input pull-up MOS is always off. On/Off: On when the pin is in the input state, PBDDR = 0, and PBODR = 1; otherwise off. 8.13 Additional Overview for H8S/2160B and H8S/2161B The H8S/2160B and H8S/2161B has fifteen I/O ports (ports 1 to 6, 8, 9, A, B, C, D, E, F, G), and one input-only port (port 7). Table 8.8 is a summary of the additional port functions. As the functions of ports 1 to 9, A, and B are the same on the H8S/2140B, H8S/2141B, H8S/2148B, and H8S/2145B, table 8.1 provides a summary. Each extra port includes a data direction register (DDR) that controls input/output, and data registers (ODR) for storing output data. Ports C, D, E, and F have an on-chip input pull-up MOS function. On ports C, D, E, and F, whether the input pull-up MOS is on or off is controlled by the corresponding DDR and ODR. Ports C, D, E, F, and G can drive a single-TTL load and 30-pF-capacitive load. All I/O port pins are capable of driving a Darlington transistor when they are in output. The output type on port G is NMOS push-pull output. Port G can be 5-V tolerant. When port G is used as an output pin, connect a pull-up resistor to the pin for raise an output high- level voltage. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |