Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 238Page - Renesas Technology Corp HD64F2145 Datasheet HTML 239Page - Renesas Technology Corp HD64F2145 Datasheet HTML 240Page - Renesas Technology Corp HD64F2145 Datasheet HTML 241Page - Renesas Technology Corp HD64F2145 Datasheet HTML 242Page - Renesas Technology Corp HD64F2145 Datasheet HTML 243Page - Renesas Technology Corp HD64F2145 Datasheet HTML 244Page - Renesas Technology Corp HD64F2145 Datasheet HTML 245Page - Renesas Technology Corp HD64F2145 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 829 page
background image
Rev. 2.0, 08/02, page 202 of 788
• PB0/D0/:8(3/HIRQ3//60,*4
The pin function is switched as shown below according to the combination of the operating
mode, the HI12E and CS3E bits in SYSCR2, the LSMIE bits in HICR0 of host interface
(LPC), the ABW bit in WSCR, and the PB0DDR bit.
Operating
Mode
Modes 1, 2, 3 (EXPE = 1)
Mode 2, 3 (EXPE = 0)
LSMIE
0*
3
01
HI12E
—
1
0*
1
CS3E
—
Either cleared to 0
1—
ABW
0
1
—
—
—
PB0DDR
—
0
1
0
1
—
0*
1
PB0
input pin
PB0 output
pin
HIRQ3
output pin
/60,*4
output pin
PB0
input pin
PB0 output
pin
/60, input pin*2
Pin
Function
D0 I/O pin
:8(3 input pin*2
Notes: 1. When bit LSMIE is set to 1 in HICR0, bits HI12E and PB0DDR should be cleared to 0.
2.
Except when used as a data bus pin, this pin can always be used as the
:8(3 input
pin. The HIRQ3 output pin and
/60, I/O pin can only be used in mode 2 or 3 (EXPE =
0).
3.
In mode 1, 2, 3 (EXPE = 1), clear the LSMIE bit to 0.
4.
Not supported by the H8S/2148B.
8.12.5
Port B Input Pull-Up MOS
Port B has an on-chip input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be specified as on or off on a bit-by-bit basis.
When a pin is designated as an on-chip peripheral module output pin, the input pull-up MOS is
always off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com