Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp HD64F2145 Datasheet HTML 237Page - Renesas Technology Corp HD64F2145 Datasheet HTML 238Page - Renesas Technology Corp HD64F2145 Datasheet HTML 239Page - Renesas Technology Corp HD64F2145 Datasheet HTML 240Page - Renesas Technology Corp HD64F2145 Datasheet HTML 241Page - Renesas Technology Corp HD64F2145 Datasheet HTML 242Page - Renesas Technology Corp HD64F2145 Datasheet HTML 243Page - Renesas Technology Corp HD64F2145 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 829 page
background image
Rev. 2.0, 08/02, page 200 of 788
8.12.4
Pin Functions
• PB7/D7/:8(:*2, PB6/D6/:8(9*2, PB5/D5/:8(8*2, PB4/D4/:8(7*2
The pin function is switched as shown below according to the combination of the operating
mode, the PBnDDR bit, and the ABW bit in WSCR.
Operating
Mode
Mode 1 and Modes 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
ABW
0
1
—
PBnDDR
—
0
1
0
1
PBn
input pin
PBn
output pin
PBn
input pin
PBn
output pin
Pin Function
Dn
I/O pin
:8(Q input pin*1
Notes: 1. Except when used as a data bus pin, this pin can always be used as the
:8(Q input
pin. (n = 7 to 4)
2. Not supported by the H8S/2148B.
• PB3/D3/:8(6*2/&67
The pin function is switched as shown below according to the combination of the operating
mode, the HI12E and CS4E bits in SYSCR2, the ABW bit in WSCR, and the PB3DDR bit.
Operating
Mode
Mode 1 and Modes 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
1
CS4E
—
Either cleared to 0
1
ABW
0
1
—
—
PB3DDR
—
0
1
0
1
—
PB3
input pin
PB3
output pin
PB3
input pin
PB3
output pin
&67
input pin
Pin Function
D3 I/O pin
:8(6 input pin*1
Notes: 1. Except when used as a data bus pin, this pin can always be used as the
:8(6 input
pin. The
&67 input pin can only be used in mode 2 or 3 (EXPE = 0).
2. Not supported by the H8S/2148B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com