Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp HD64F2145 Datasheet HTML 237Page - Renesas Technology Corp HD64F2145 Datasheet HTML 238Page - Renesas Technology Corp HD64F2145 Datasheet HTML 239Page - Renesas Technology Corp HD64F2145 Datasheet HTML 240Page - Renesas Technology Corp HD64F2145 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 829 page
background image
Rev. 2.0, 08/02, page 197 of 788
• PA0/A16/#.,1;/CIN8
The pin function is switched as shown below according to the combination of operating mode,
the IOSE bit in SYSCR and the PA0DDR bit.
Operating
Mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
PA0DDR
0
1
0
1
IOSE
—
—
—
0
1
PA0
input pin
PA0
output pin
PA0
input pin
A16
output pin
PA0
output pin
Pin Function
.,1; input pin, CIN8 input pin*
Note:* This pin can always be used as the
.,1; or CIN8 input pin.
8.11.5
Port A Input Pull-Up MOS
Port A has an on-chip input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be specified as on or off on a bit-by-bit basis.
The input pull-up MOS for pins PA7 to PA4 is always off when IICS is set to 1. When the
keyboard buffer control pin function is selected for pins PA7 to PA2, the input pull-up MOS is
always off.
Table 8.6 summarizes the input pull-up MOS states.
Table 8.6
Input Pull-Up MOS States (Port A)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1, 2, 3
Off
Off
On/Off
On/Off
Legend
Off:
Input pull-up MOS is always off.
On/Off: On when the pin is in the input state, PADDR = 0, and PAODR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com