Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 231Page - Renesas Technology Corp HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp HD64F2145 Datasheet HTML 237Page - Renesas Technology Corp HD64F2145 Datasheet HTML 238Page - Renesas Technology Corp HD64F2145 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 829 page
background image
Rev. 2.0, 08/02, page 195 of 788
• PA4/A20/.,145/CIN12/PS2BC
The pin function is switched as shown below according to the combination of operating mode,
the KBIOE bit in KBCRH_1 of the keyboard buffer controller, the IOSE bit in SYSCR, and
the PA4DDR bit.
Operating
Mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA4DDR
0
1
—
0
1
—
IOSE
——
——
0
1
—
PA4
input pin
PA4
output pin
PS2BC
output pin
PA4
input pin
A20
output pin
PA4
output pin
PS2BC
output pin
Pin
Function
.,145 input pin, CIN12 input pin, PS2BC input pin*
Note:* When the KBIOE bit is set to 1 or the IICS bit in STCR is set to 1, this pin is an NMOS
open-drain output, and has direct bus drive capability. This pin can always be used as the
PS2BC,
.,145, or CIN12 input pin.
• PA3/A19/.,144/CIN11/PS2AD
The pin function is switched as shown below according to the combination of operating mode,
the KBIOE bit in KBCRH_0 of the keyboard buffer controller, the IOSE bit in SYSCR, and
the PA3DDR bit.
Operating
Mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA3DDR
0
1
—
0
1
—
IOSE
—
—
—
—
0
1
—
PA3
input pin
PA3 output
pin
PS2AD
output pin
PA3
input pin
A19 output
pin
PA3 output
pin
PS2AD
output pin
Pin
Function
.,144 input pin, CIN11 input pin, PS2AD input pin*
Note:* When the KBIOE bit is set to 1, this pin is an NMOS open-drain output, and has direct bus
drive capability. This pin can always be used as the PS2AD,
.,144, or CIN11 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com