Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 227Page - Renesas Technology Corp HD64F2145 Datasheet HTML 228Page - Renesas Technology Corp HD64F2145 Datasheet HTML 229Page - Renesas Technology Corp HD64F2145 Datasheet HTML 230Page - Renesas Technology Corp HD64F2145 Datasheet HTML 231Page - Renesas Technology Corp HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 829 page
background image
Rev. 2.0, 08/02, page 191 of 788
• P90//:5/,545/$'75*/(&65
The pin function is switched as shown below according to the combination of operating mode,
the ABW bit in WSCR, the HI12E and CS2E bits in SYSCR2, the FGA20E bit in HICR, and
the P90DDR bit.
Operating
Mode
Modes 1, 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
ABW
0
1
—
HI12E
—
1
FGA20E
—
1
CS2E
—
Any one 0
1
P90DDR
—
0
1
0
1
—
P90
input pin
P90 output
pin
P90
input pin
P90 output
pin
(&65 input
pin
Pin Function
/:5 output
pin
,545 input pin, $'75* input pin*
Note:* When the IRQ2E bit in IER is set to 1 in mode 1, 2, or 3 (EXPE = 1) with the ABW bit in
WSCR set to 1, or in mode 2 and 3 (EXPE = 0), this pin is used as the
,545 input pin.
When TRGS1 and TRGS0 in ADCR of the A/D converter are both set to 1, this pin is used
as the
$'75* input pin.
8.11
Port A
Port A is an 8-bit I/O port. Port A pins also function as keyboard buffer controller I/O pins, key-
sense interrupt input pins, expansion A/D converter input pins, and address output pins. Port A pin
functions change according to the operating mode. Port A input/output operates by VccB power
independent from the Vcc power. Up to 5 V can be applied to port A pins if VccB power is 5 V.
Port A has the following registers. PADDR and PAPIN have the same address.
• Port A data direction register (PADDR)
• Port A output data register (PAODR)
• Port A input data register (PAPIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com