Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 229Page - Renesas Technology Corp HD64F2145 Datasheet HTML 230Page - Renesas Technology Corp HD64F2145 Datasheet HTML 231Page - Renesas Technology Corp HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp HD64F2145 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 829 page
background image
Rev. 2.0, 08/02, page 193 of 788
8.11.3
Port A Input Data Register (PAPIN)
PAPIN indicates the port A state.
Bit
Bit Name
Initial Value
R/W
Description
7
PA7PIN
Undefined*
R
6
PA6PIN
Undefined*
R
5
PA5PIN
Undefined*
R
4
PA4PIN
Undefined*
R
3
PA3PIN
Undefined*
R
2
PA2PIN
Undefined*
R
1
PA1PIN
Undefined*
R
0
PA0PIN
Undefined*
R
Reading PAPIN always returns the pin states.
PAPIN has the same address as PADDR. If a write
is performed, the port A settings will change.
Note:* The initial value is determined according to the PA7 to PA0 pin states.
8.11.4
Pin Functions
• PA7/A23/.,148/CIN15/PS2CD
The pin function is switched as shown below according to the combination of operating mode,
the KBIOE bit in KBCRH_2 of the keyboard buffer controller, the IOSE bit in SYSCR, and
the PA7DDR bit.
Operating
Mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA7DDR
0
1
—
0
1
—
IOSE
—
—
—
—
0
1
—
PA7
input pin
PA7
output pin
PS2CD
output pin
PA7
input pin
A23 output
pin
PA7 output
pin
PS2CD
output pin
Pin Function
.,148 input pin, CIN15 input pin, PS2CD input pin*
Note:* When the KBIOE bit is set to 1 or the IICS bit in STCR is set to 1, this pin is an NMOS
open-drain output, and has direct bus drive capability. This pin can always be used as the
PS2CD,
.,148, or CIN15 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com