Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 228Page - Renesas Technology Corp HD64F2145 Datasheet HTML 229Page - Renesas Technology Corp HD64F2145 Datasheet HTML 230Page - Renesas Technology Corp HD64F2145 Datasheet HTML 231Page - Renesas Technology Corp HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 829 page
background image
Rev. 2.0, 08/02, page 192 of 788
8.11.1
Port A Data Direction Register (PADDR)
PADDR specifies input or output for the pins of port A on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
PA7DDR
0
W
6
PA6DDR
0
W
5
PA5DDR
0
W
4
PA4DDR
0
W
3
PA3DDR
0
W
2
PA2DDR
0
W
1
PA1DDR
0
W
0
PA0DDR
0
W
In mode 1, 2 (EXPE = 0), or 3:
The corresponding port A pins are output ports
when PADDR bits are set to 1, and input ports
when cleared to 0.
In mode 2 (EXPE = 1):
The corresponding port A pins are address output
when PADDR bits are set to 1, and input ports
when cleared to 0. The port A pins changes from
the address I/O ports to output ports by setting the
IOSE bit to 1.
PA7 to PA2 pins are used as the keyboard buffer
controller I/O pins by setting the KBIOE bit to 1
regardless of the operating mode, while the I/O
direction according to PA7DDR to PA2DDR is
ignored.
PADDR has the same address as PAPIN, if read,
port A status is returned.
8.11.2
Port A Output Data Register (PAODR)
PAODR stores output data for port A.
Bit
Bit Name
Initial Value
R/W
Description
7
PA7ODR
0
R/W
6
PA6ODR
0
R/W
5
PA5ODR
0
R/W
4
PA4ODR
0
R/W
3
PA3ODR
0
R/W
2
PA2ODR
0
R/W
1
PA1ODR
0
R/W
0
PA0ODR
0
R/W
PAODR can always be read or written to,
regardless of the contents of PADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com