Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 225Page - Renesas Technology Corp HD64F2145 Datasheet HTML 226Page - Renesas Technology Corp HD64F2145 Datasheet HTML 227Page - Renesas Technology Corp HD64F2145 Datasheet HTML 228Page - Renesas Technology Corp HD64F2145 Datasheet HTML 229Page - Renesas Technology Corp HD64F2145 Datasheet HTML 230Page - Renesas Technology Corp HD64F2145 Datasheet HTML 231Page - Renesas Technology Corp HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 829 page
background image
Rev. 2.0, 08/02, page 189 of 788
• P96/ø/EXCL
The pin function is switched as shown below according to the combination of the EXCLE bit
in LPWRCR and the P96DDR bit.
P96DDR
0
1
EXCLE
0
1
0
Pin Function
P96 input pin
EXCL input pin
ø output pin
Note:* When this pin is used as the EXCL input pin, P96DDR should be cleared to 0.
• P95/$6/,26/&64
The pin function is switched as shown below according to the combination of operating mode,
the IOSE bit in SYSCR, the HI12E bit in SYSCR2, and the P95DDR bit.
Operating
Mode
Modes 1, 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
0
1
P95DDR
—
0
1
—
IOSE
0
1
—
—
—
Pin Function
$6
output pin
,26
output pin
P95
input pin
P95
output pin
&64
input pin
• P94/+:5/,2:
The pin function is switched as shown below according to the combination of operating mode,
the HI12E bit in SYSCR2, and the P94DDR bit.
Operating
Mode
Modes 1, 2, 3 (EXPE = 1)
Modes 2, 3 (EXPE = 0)
HI12E
—
0
1
P94DDR
—
0
1
—
Pin Function
+:5
output pin
P94
input pin
P94
output pin
,2:
input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com