Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 221Page - Renesas Technology Corp HD64F2145 Datasheet HTML 222Page - Renesas Technology Corp HD64F2145 Datasheet HTML 223Page - Renesas Technology Corp HD64F2145 Datasheet HTML 224Page - Renesas Technology Corp HD64F2145 Datasheet HTML 225Page - Renesas Technology Corp HD64F2145 Datasheet HTML 226Page - Renesas Technology Corp HD64F2145 Datasheet HTML 227Page - Renesas Technology Corp HD64F2145 Datasheet HTML 228Page - Renesas Technology Corp HD64F2145 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 829 page
background image
Rev. 2.0, 08/02, page 185 of 788
• P82/HIFSD/&/.581*2
The pin function is switched as shown below according to the combination of the HI12E and
SDE bits in SYSCR2, the LPC3E to LPC1E bits in HICR0, and the P82DDR bit.
LPC3E to
LPC1E
All 0
Not all 0
HI12E
0
1
0*
1
SDE
—
0
1
—
P82DDR
01
01
—
0*
1
Pin Function
P82
input pin
P82
output pin
P82
input pin
P82
output pin
HIFSD
input pin
&/.581 I/O
pin*
2
Notes:
The HIFSD input pin and
&/.581 I/O pin can only be used in mode 2 or 3 (EXPE = 0).
1. When at least one of bits LPC3E to LPC1E is set to 1, bits HI12E and P82DDR should
be cleared to 0.
2. Not supported by the H8S/2148B.
• P81/&65/GA20
The pin function is switched as shown below according to the combination of the HI12E bit in
SYSCR2, the CS2E bit in SYSCR, the FGA20E bit in HICR, the FGA20E bit in HICR0, and
the P81DDR bit.
FGA20E
(LPC)
01
HI12E
0
1
0*
1
FGA20E
(XBS)
—0
1
—
CS2E
—
0
1
—
—
P81DDR
0
1
0
1
—
0
1
0*
1
P81 input
pin
P81 output
pin
P81 input
pin
P81
output pin
&65 input
pin*
2
P81 input
pin
GA20
output pin
GA20
output pin
Pin Function
GA20 input pin*
2
Notes: 1. When bit FGA20E is set to 1 in HICR0, bits HI12E and P81DDR should be cleared to 0.
2. The GA20 output pin and
&65 input pin can only be used in mode 2 or 3 (EXPE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com