Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 218Page - Renesas Technology Corp HD64F2145 Datasheet HTML 219Page - Renesas Technology Corp HD64F2145 Datasheet HTML 220Page - Renesas Technology Corp HD64F2145 Datasheet HTML 221Page - Renesas Technology Corp HD64F2145 Datasheet HTML 222Page - Renesas Technology Corp HD64F2145 Datasheet HTML 223Page - Renesas Technology Corp HD64F2145 Datasheet HTML 224Page - Renesas Technology Corp HD64F2145 Datasheet HTML 225Page - Renesas Technology Corp HD64F2145 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 829 page
background image
Rev. 2.0, 08/02, page 182 of 788
• P75/AN5, P74/AN4, P73/AN3, P72/AN2, P71/AN1, P70/AN0
P75 to P70 input pins
Pin Function
AN5 to AN0 input pin*
Note:* This pin can always be used as the AN5 to AN0 input pins.
8.9
Port 8
Port 8 is an 8-bit I/O port. Port 8 pins also function as SCI_1 I/O pins, the IIC_1 I/O pin, XBS I/O
pins, LPC I/O pins, and interrupt input pins. The output type of P86 and SCK1 is NMOS push-pull
output. The output type of SCL1 is NMOS open drain output and direct bus driving is enabled.
Port 8 pin functions are the same in all operating modes except host interface function. Port 8 has
the following registers.
• Port 8 data direction register (P8DDR)
• Port 8 data register (P8DR)
8.9.1
Port 8 Data Direction Register (P8DDR)
P8DDR specifies input or output for the pins of port 8 on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7—
1
—
Reserved
The initial value must not be changed.
6
P86DDR
0
W
5
P85DDR
0
W
4
P84DDR
0
W
3
P83DDR
0
W
2
P82DDR
0
W
1
P81DDR
0
W
0
P80DDR
0
W
P8DDR has the same address as PBPIN, and if
read, the port B state will be returned.
The corresponding port 8 pins are output ports
when P8DDR bits are set to 1, and input ports
when cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com