Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 219Page - Renesas Technology Corp HD64F2145 Datasheet HTML 220Page - Renesas Technology Corp HD64F2145 Datasheet HTML 221Page - Renesas Technology Corp HD64F2145 Datasheet HTML 222Page - Renesas Technology Corp HD64F2145 Datasheet HTML 223Page - Renesas Technology Corp HD64F2145 Datasheet HTML 224Page - Renesas Technology Corp HD64F2145 Datasheet HTML 225Page - Renesas Technology Corp HD64F2145 Datasheet HTML 226Page - Renesas Technology Corp HD64F2145 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 829 page
background image
Rev. 2.0, 08/02, page 183 of 788
8.9.2
Port 8 Data Register (P8DR)
P8DR stores output data for the port 8 pins (P86 to P80).
Bit
Bit Name
Initial Value
R/W
Description
7—
1
—
Reserved
The initial value must not be changed.
6
P86DR
0
R/W
5
P85DR
0
R/W
4
P84DR
0
R/W
3
P83DR
0
R/W
2
P82DR
0
R/W
1
P81DR
0
R/W
0
P80DR
0
R/W
If a port 8 read is performed while P8DDR bits are
set to 1, the P8DR values are read directly,
regardless of the actual pin states. If a port 8 read
is performed while P8DDR bits are cleared to 0, the
pin states are read.
8.9.3
Pin Functions
• P86/,548/ SCK1/SCL1
The pin function is switched as shown below according to the combination of the CKE1 and
CKE0 bits in SCR of SCI_1, the C/
$ bit in SMR of SCI_1, the ICE bit in ICCR of IIC_1, and
the P86DDR bit.
ICE
0
1
CKE1
0
1
0
C/
$
01
—
0
CKE0
0
1
—
—
0
P86DDR
0
1
——
——
P86
input pin
P86
output pin
SCK1
output pin
SCK1
output pin
SCK1
input pin
SCL1
I/O pin
Pin Function
,548 input pin*
Note:* When the IRQ5E bit in IER is set to 1, this pin is used as the
,548 input pin. When this pin
is used as the SCL1 I/O pin, bits CKE1 and CKE0 in SCR of SCI_1 and bit C/
$ in SMR of
SCI_1 must all be cleared to 0. When the P86 output pin and SCK1 output pin are set, the
output type is NMOS push-pull output. SCL1 is an NMOS-only output, and has direct bus
drive capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com