Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 220Page - Renesas Technology Corp HD64F2145 Datasheet HTML 221Page - Renesas Technology Corp HD64F2145 Datasheet HTML 222Page - Renesas Technology Corp HD64F2145 Datasheet HTML 223Page - Renesas Technology Corp HD64F2145 Datasheet HTML 224Page - Renesas Technology Corp HD64F2145 Datasheet HTML 225Page - Renesas Technology Corp HD64F2145 Datasheet HTML 226Page - Renesas Technology Corp HD64F2145 Datasheet HTML 227Page - Renesas Technology Corp HD64F2145 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 829 page
background image
Rev. 2.0, 08/02, page 184 of 788
• P85/,547/RxD1
The pin function is switched as shown below according to the combination of the RE bit in
SCR of SCI_1 and the P85DDR bit.
RE
0
1
P85DDR
0
1
—
P85 input pin
P85 output pin
RxD1 input pin
Pin Function
,547 input pin*
Note:* When the IRQ4E bit in IER is set to 1, this pin is used as the
,547 input pin.
• P84/,546/TxD1
The pin function is switched as shown below according to the combination of the TE bit in
SCR of SCI_1 and the P84DDR bit.
TE
0
1
P84DDR
0
1
—
P84 input pin
P84 output pin
TxD1 output pin
Pin Function
,546 input pin*
Note:* When the IRQ3E bit in IER is set to 1, this pin is used as the
,546 input pin.
• P83//3&3'*2
The pin function is switched as shown below according to the P83DDR bit.
P83DDR
0
1
P83 input pin
P83 output pin
Pin Function
/3&3' input pin*1*2
Notes: 1. When at least one of bits LPC3E to LPC1E is set to 1 in HICR0, this pin is used as the
/3&3' input pin. The /3&3' input pin can only be used in mode 2 or 3 (EXPE = 0).
2. Not supported by the H8S/2148B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com