Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp HD64F2145 Datasheet HTML 215Page - Renesas Technology Corp HD64F2145 Datasheet HTML 216Page - Renesas Technology Corp HD64F2145 Datasheet HTML 217Page - Renesas Technology Corp HD64F2145 Datasheet HTML 218Page - Renesas Technology Corp HD64F2145 Datasheet HTML 219Page - Renesas Technology Corp HD64F2145 Datasheet HTML 220Page - Renesas Technology Corp HD64F2145 Datasheet HTML 221Page - Renesas Technology Corp HD64F2145 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 829 page
background image
Rev. 2.0, 08/02, page 178 of 788
OS3 to OS0
All 0
Not all 0
P67DDR
0
1
—
P67 input pin
P67 output pin
TMOX output pin
Pin Function
,54: input pin, .,1: input pin, CIN7 input pin*
Note:* This pin is used as the
,54: input pin when bit IRQ7E is set to 1 in IER. It can always be
used as the
.,1: or CIN7 input pin.
• P66/FTOB/CIN6/.,19/,549
The pin function is switched as shown below according to the combination of the OEB bit in
TOCR of the FRT and the P66DDR bit.
OEB
0
1
P66DDR
0
1
—
P66 input pin
P66 output pin
FTOB output pin
Pin Function
,549 input pin, .,19 input pin, CIN6 input pin*
Note:* This pin is used as the
,549 input pin when bit IRQ6E is set to 1 in IER while the KMIMR6
bit in KMIMR is 0. It can always be used as the
.,19 or CIN6 input pin.
• P65/FTID/CIN5/.,18
P65DDR
0
1
P65 input pin
P65 output pin
Pin Function
FTID input pin,
.,18 input pin, CIN5 input pin*
Note:* This pin can always be used as the FTID,
.,18, or CIN5 input pin.
• P64/FTIC/CIN4/.,17/CLAMPO
The pin function is switched as shown below according to the combination of the CLOE bit in
TCONRO of the timer connection function and the P64DDR bit.
CLOE
0
1
P64DDR
0
1
—
P64 input pin
P64 output pin
CLAMPO output pin
Pin Function
FTIC input pin,
.,17 input pin, CIN4 input pin*
Note:* This pin can always be used as the FTIC,
.,17, or CIN4 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com