Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp HD64F2145 Datasheet HTML 215Page - Renesas Technology Corp HD64F2145 Datasheet HTML 216Page - Renesas Technology Corp HD64F2145 Datasheet HTML 217Page - Renesas Technology Corp HD64F2145 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 829 page
background image
Rev. 2.0, 08/02, page 174 of 788
• P40/TMCI0/TxD2/IrTxD
The pin function is switched as shown below according to the combination of the TE bit in
SCR of SCI_2 and the P40DDR bit.
TE
0
1
P40DDR
0
1
—
P40
input pin
P40
output pin
TxD2/IrTxD
output pin
Pin Function
TMCI0 input pin*
Note:* When an external clock is selected with bits CKS2 to CKS0 in TCR0 of TMR_0, this pin is
used as the TMCI0 input pin.
8.6
Port 5
Port 5 is a 3-bit I/O port. Port 5 pins also function as SCI_0 I/O pins, and the IIC_0 I/O pin. P52
and SCK0 are NMOS push-pull outputs, and SCL0 is an NMOS open-drain output. Port 5 has the
following registers.
• Port 5 data direction register (P5DDR)
• Port 5 data register (P5DR)
8.6.1
Port 5 Data Direction Register (P5DDR)
P5DDR specifies input or output for the pins of port 5 on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
to
3
—
All 1
—
Reserved
The initial value must not be changed.
2
P52DDR
0
W
1
P51DDR
0
W
0
P50DDR
0
W
The corresponding port 5 pins are output ports
when P5DDR bits are set to 1, and input ports
when cleared to 0. As SCI_0 is initialized in
software standby mode, the pin states are
determined by the IIC_0 ICCR, P5DDR, and P5DR
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com