Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp HD64F2145 Datasheet HTML 215Page - Renesas Technology Corp HD64F2145 Datasheet HTML 216Page - Renesas Technology Corp HD64F2145 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 829 page
background image
Rev. 2.0, 08/02, page 173 of 788
• P42/TMRI0/SCK2/SDA1
The pin function is switched as shown below according to the combination of the ICE bit in
ICCR of IIC1, the CKE1 and CKE0 bits in SCR of SCI_2, the C/
$ bit in SMR of SCI_2, and
the P42DDR bit.
ICE
0
1
CKE1
0
1
0
C/
$
01
—
0
CKE0
0
1
—
—
0
P42DDR
0
1
—
—
—
—
P42 input
pin
P42 output
pin
SCK2 output
pin
SCK2 output
pin
SCK2 input
pin
SDA1
I/O pin
Pin Function
TMRI0 input pin*
Note:* When this pin is used as the SDA1 I/O pin, bits CKE1 and CKE0 in SCR of SCI_2 and bit
C/
$ in SMR of SCI_2 must all be cleared to 0. SDA1 is an NMOS-only output, and has
direct bus drive capability.
When bits CCLR1 and CCLR0 in TCR0 of TMR_0 are set to 1, this pin is used as the
TMRI0 input pin.
When the P42 output pin and SCK2 output pin are set, the output type is NMOS push-pull
output.
• P41/TMO0/RxD2/IrRxD
The pin function is switched as shown below according to the combination of the OS3 to OS0
bits in TCSR of TMR0, the RE bit in SCR of SCI_2 and the P41DDR bit.
OS3 to OS0
All 0
Not all 0
RE
0
1
0
P41DDR
0
1
—
—
Pin Function
P41
input pin
P41
output pin
RxD2/IrRxD
input pin
TMO0
output pin
Note:* When this pin is used as the TMO0 output pin, bit RE in SCR of SCI_2 must be cleared to
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com