Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 205Page - Renesas Technology Corp HD64F2145 Datasheet HTML 206Page - Renesas Technology Corp HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 829 page
background image
Rev. 2.0, 08/02, page 169 of 788
8.4.5
Port 3 Input Pull-Up MOS
Port 3 has an on-chip input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be specified as on or off on a bit-by-bit basis.
Table 8.4 summarizes the input pull-up MOS states.
Table 8.4
Input Pull-Up MOS States (Port 3)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1, 2, 3 (EXPE = 1)
Off
Off
2, 3 (EXPE = 0)
Off
Off
On/Off
On/Off
Legend
Off:
Input pull-up MOS is always off.
On/Off: On when the pin is in the input state, P3DDR = 0, and P3PCR = 1; otherwise off.
8.5
Port 4
Port 4 is an 8-bit I/O port. Port 4 pins also function as PWMX output pins, TMR_0 and TMR_1
I/O pins, timer connection I/O pins, SCI_2 I/O pins, IrDA interface I/O pins, XBS output pins, and
the IIC_1 I/O pin. The output type of P42 and SCK2 is NMOS push-pull output. The output type
of SDA1 is NMOS open drain output. Port 4 pin functions are the same in all operating modes.
Port 4 has the following registers.
• Port 4 data direction register (P4DDR)
• Port 4 data register (P4DR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com