Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 202Page - Renesas Technology Corp HD64F2145 Datasheet HTML 203Page - Renesas Technology Corp HD64F2145 Datasheet HTML 204Page - Renesas Technology Corp HD64F2145 Datasheet HTML 205Page - Renesas Technology Corp HD64F2145 Datasheet HTML 206Page - Renesas Technology Corp HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 829 page
background image
Rev. 2.0, 08/02, page 166 of 788
• P23/A11/PW11, P22/A10/PW10, P21/A9/PW9, P20/A8/PW8
The pin function is switched as shown below according to the combination of the OEm bit in
PWOERB of PWM, the P2nDDR bit, and operating mode.
Operating
Mode
Mode 1
Mode 2, 3 (EXPE = 1)
Mode 2, 3 (EXPE = 0)
P2nDDR
—
0
1
0
1
OEm
—
—
0
1
—
0
1
Pin Function
A11 to A8
output
pins
P23 to
P20 input
pins
A11 to
A8 output
pins
PW11 to
PW8
output
pins
P23 to
P20 input
pins
P23 to
P20
output
pins
PW11 to
PW8
output
pins
Legend
n = 3 to 0
m = 11 to 8
8.3.5
Port 2 Input Pull-Up MOS
Port 2 has an on-chip input pull-up MOS function that can be controlled by software. This input
pull-up MOS function can be specified as on or off on a bit-by-bit basis.
Table 8.3 summarizes the input pull-up MOS states.
Table 8.3
Input Pull-Up MOS States (Port 2)
Mode
Reset
Hardware
Standby Mode
Software
Standby Mode
In Other
Operations
1Off
Off
2, 3
Off
Off
On/Off
On/Off
Legend
Off:
Input pull-up MOS is always off.
On/Off: On when the pin is in the input state, P2DDR = 0, and P2PCR = 1; otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com