Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 204Page - Renesas Technology Corp HD64F2145 Datasheet HTML 205Page - Renesas Technology Corp HD64F2145 Datasheet HTML 206Page - Renesas Technology Corp HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 829 page
background image
Rev. 2.0, 08/02, page 168 of 788
8.4.3
Port 3 Pull-Up MOS Control Register (P3PCR)
P3PCR controls the port 3 on-chip input pull-up MOSs on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
P37PCR
0
R/W
6
P36PCR
0
R/W
5
P35PCR
0
R/W
4
P34PCR
0
R/W
3
P33PCR
0
R/W
2
P32PCR
0
R/W
1
P31PCR
0
R/W
0
P30PCR
0
R/W
In modes 2 and 3 (when EXPE = 0), the input pull-
up MOS is turned on when a P3PCR bit is set to 1
in the input port state.
The input pull-up MOS function cannot be used
when the host interface is enabled.
8.4.4
Pin Functions
• P37/D15/HDB7/SERIRQ*, P36/D14/HDB6/LCLK*, P35/D13/HDB5//5(6(7*,
P34/D12/HDB4/
/)5$0(*, P33/D11/HDB3/LAD3*, P32/D10/HDB2/LAD2*,
P31/D9/HDB1/LAD1*, P30/D8/HDB0/LAD0*
The pin function is switched as shown below according to the combination of the HI12E bit in
SYSCR2, the LPC3E to LPC1E bits in HICR0 of host interface (LPC), the P3nDDR bit, and
operating mode.
Operating
Mode
Mode 1, 2, 3
(EXPE = 1)
Mode 2, 3 (EXPE = 0)
LPCmE
All 0
All 0
Not all 0
HI12E
0
0
1
0
P3nDDR
—
0
1
—
0
Pin Function
D15 to D8
input/output
pins
P37 to P30
input pins
P37 to P30
output pins
HDB7 to
HDB0
input/output
pins
LPC
input/output
pins
Note:*
The combination of bits not described in the above table must not be used.
m = 3 to 1: LPC input/output pins (SERIRQ, LCLK,
/5(6(7, /)5$0(, LAD3 to LAD0)
when at least one of LPC3E to LPC1E is set to 1.
n = 7 to 0
*: Not supported by the H8S/2148B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com