Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 203Page - Renesas Technology Corp HD64F2145 Datasheet HTML 204Page - Renesas Technology Corp HD64F2145 Datasheet HTML 205Page - Renesas Technology Corp HD64F2145 Datasheet HTML 206Page - Renesas Technology Corp HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 829 page
background image
Rev. 2.0, 08/02, page 167 of 788
8.4
Port 3
Port 3 is an 8-bit I/O port. Port 3 pins also function as a bidirectional data bus, XBS bidirectional
data bus, and LPC input/output pins. Port 3 functions change according to the operating mode.
Port 3 has the following registers.
• Port 3 data direction register (P3DDR)
• Port 3 data register (P3DR)
• Port 3 pull-up MOS control register (P3PCR)
8.4.1
Port 3 Data Direction Register (P3DDR)
P3DDR specifies input or output for the pins of port 3 on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
P37DDR
0
W
6
P36DDR
0
W
5
P35DDR
0
W
4
P34DDR
0
W
3
P33DDR
0
W
2
P32DDR
0
W
1
P31DDR
0
W
0
P30DDR
0
W
Modes 1, 2, and 3 (EXPE = 1)
The input/output direction specified by P3DDR is
ignored, and pins automatically function as data I/O
pins.
Modes 2 and 3 (EXPE = 0)
The corresponding port 3 pins are output ports
when P3DDR bits are set to 1, and input ports when
cleared to 0.
8.4.2
Port 3 Data Register (P3DR)
P3DR stores output data of port 3.
Bit
Bit Name
Initial Value
R/W
Description
7
P37DR
0
R/W
6
P36DR
0
R/W
5
P35DR
0
R/W
4
P34DR
0
R/W
3
P33DR
0
R/W
2
P32DR
0
R/W
1
P31DR
0
R/W
0
P30DR
0
R/W
If a port 3 read is performed while P3DDR bits are
set to 1, the P3DR values are read directly,
regardless of the actual pin states. If a port 3 read is
performed while P3DDR bits are cleared to 0, the
pin states are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com