Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 206Page - Renesas Technology Corp HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp HD64F2145 Datasheet HTML 209Page - Renesas Technology Corp HD64F2145 Datasheet HTML 210Page - Renesas Technology Corp HD64F2145 Datasheet HTML 211Page - Renesas Technology Corp HD64F2145 Datasheet HTML 212Page - Renesas Technology Corp HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 829 page
background image
Rev. 2.0, 08/02, page 170 of 788
8.5.1
Port 4 Data Direction Register (P4DDR)
P4DDR specifies input or output for the pins of port 4 on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
P47DDR
0
W
6
P46DDR
0
W
5
P45DDR
0
W
4
P44DDR
0
W
3
P43DDR
0
W
2
P42DDR
0
W
1
P41DDR
0
W
0
P40DDR
0
W
When a bit in P4DDR is set to 1, the corresponding
pin functions as an output port, and when cleared to
0, as an input port.
As 14-bit PWM and SCI_2 are initialized in software
standby mode, the pin states are determined by the
TMR_0, TMR_1, XBS, IIC_1, P4DDR, and P4DR
specifications.
8.5.2
Port 4 Data Register (P4DR)
P4DR stores output data for port 4.
Bit
Bit Name
Initial Value
R/W
Description
7
P47DR
0
R/W
6
P46DR
0
R/W
5
P45DR
0
R/W
4
P44DR
0
R/W
3
P43DR
0
R/W
2
P42DR
0
R/W
1
P41DR
0
R/W
0
P40DR
0
R/W
If a port 4 read is performed while P4DDR bits are
set to 1, the P4DR values are read directly,
regardless of the actual pin states. If a port 4 read is
performed while P4DDR bits are cleared to 0, the
pin states are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com