Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 213Page - Renesas Technology Corp HD64F2145 Datasheet HTML 214Page - Renesas Technology Corp HD64F2145 Datasheet HTML 215Page - Renesas Technology Corp HD64F2145 Datasheet HTML 216Page - Renesas Technology Corp HD64F2145 Datasheet HTML 217Page - Renesas Technology Corp HD64F2145 Datasheet HTML 218Page - Renesas Technology Corp HD64F2145 Datasheet HTML 219Page - Renesas Technology Corp HD64F2145 Datasheet HTML 220Page - Renesas Technology Corp HD64F2145 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 829 page
background image
Rev. 2.0, 08/02, page 177 of 788
8.7.2
Port 6 Data Register (P6DR)
P6DR stores output data for port 6.
Bit
Bit Name
Initial Value
R/W
Description
7
P67DR
0
R/W
6
P66DR
0
R/W
5
P65DR
0
R/W
4
P64DR
0
R/W
3
P63DR
0
R/W
2
P62DR
0
R/W
1
P61DR
0
R/W
0
P60DR
0
R/W
If a port 6 read is performed while P6DDR bits are
set to 1, the P6DR values are read directly,
regardless of the actual pin states. If a port 6 read
is performed while P6DDR bits are cleared to 0, the
pin states are read.
8.7.3
Port 6 Pull-Up MOS Control Register (KMPCR)
KMPCR controls the port 6 on-chip input pull-up MOSs on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
KM7PCR
0
R/W
6
KM6PCR
0
R/W
5
KM5PCR
0
R/W
4
KM4PCR
0
R/W
3
KM3PCR
0
R/W
2
KM2PCR
0
R/W
1
KM1PCR
0
R/W
0
KM0PCR
0
R/W
The input pull-up MOS is turned on when a
KMPCR bit is set to 1 while the corresponding
P6DDR bit is cleared to 0 (input port setting).
8.7.4
Pin Functions
• P67/TMOX/CIN7/.,1:/,54:
The pin function is switched as shown below according to the combination of the OS3 to OS0
bits in TCSR of TMR_X and the P67DDR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com