Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp HD64F2145 Datasheet HTML 237Page - Renesas Technology Corp HD64F2145 Datasheet HTML 238Page - Renesas Technology Corp HD64F2145 Datasheet HTML 239Page - Renesas Technology Corp HD64F2145 Datasheet HTML 240Page - Renesas Technology Corp HD64F2145 Datasheet HTML 241Page - Renesas Technology Corp HD64F2145 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 829 page
background image
Rev. 2.0, 08/02, page 198 of 788
8.12
Port B
Port B is an 8-bit I/O port. Port B pins also have XBS input/output pins, LPC input/output pins,
wakeup event interrupt input pins, and a data bus input/output function. The pin functions depend
on the operating mode. Port B has the following registers.
• Port B data direction register (PBDDR)
• Port B output data register (PBODR)
• Port B input data register (PBPIN)
8.12.1
Port B Data Direction Register (PBDDR)
PBDDR specifies input or output for the pins of port B on a bit-by-bit basis.
Bit
Bit Name
Initial Value
R/W
Description
7
PB7DDR
0
W
6
PB6DDR
0
W
5
PB5DDR
0
W
4
PB4DDR
0
W
3
PB3DDR
0
W
2
PB2DDR
0
W
1
PB1DDR
0
W
0
PB0DDR
0
W
PBDDR has the same address as P7PIN, and if
read, the port 7 pin states will be returned.
• Modes 1, 2, and 3 (EXPE = 1)
When the ABW bit in WSCR is cleared to 0,
port B pins automatically become data I/O pins
(D7 to D0), regardless of the input/output
direction indicated by PBDDR. When the ABW
bit is 1, a port B pin becomes an output port if
the corresponding PBDDR bit is set to 1, and
an input port if the bit is cleared to 0.
• Modes 2 and 3 (EXPE = 0)
A port B pin becomes an output port if the
corresponding PBDDR bit is set to 1, and an
input port if the bit is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com