Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 311Page - Renesas Technology Corp HD64F2145 Datasheet HTML 312Page - Renesas Technology Corp HD64F2145 Datasheet HTML 313Page - Renesas Technology Corp HD64F2145 Datasheet HTML 314Page - Renesas Technology Corp HD64F2145 Datasheet HTML 315Page - Renesas Technology Corp HD64F2145 Datasheet HTML 316Page - Renesas Technology Corp HD64F2145 Datasheet HTML 317Page - Renesas Technology Corp HD64F2145 Datasheet HTML 318Page - Renesas Technology Corp HD64F2145 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 829 page
background image
Rev. 2.0, 08/02, page 275 of 788
12.3.5
Timer Control/Status Register (TCSR)
TCSR indicates the status flags and controls compare-match output.
• TCSR_0
Bit
Bit Name Initial Value R/W
Description
7
CMFB
0
R/(W)* Compare-Match Flag B
[Setting condition]
When the values of TCNT_0 and TCORB_0 match
[Clearing conditions]
• Read CMFB when CMFB = 1, then write 0 in CMFB
• When the DTC is activated by a CMIB interrupt
6
CMFA
0
R/(W)* Compare-Match Flag A
[Setting condition]
When the values of TCNT_0 and TCORA_0 match
[Clearing conditions]
• Read CMFA when CMFA = 1, then write 0 in CMFA
• When the DTC is activated by a CMIA interrupt
5OVF
0
R/(W)* Timer Overflow Flag
[Setting condition]
When TCNT_0 overflows from H'FF to H'00
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
4
ADTE
0
R/W
A/D Trigger Enable
Enables or disables A/D converter start requests by
compare-match A.
0: A/D converter start requests by compare-match A are
disabled
1: A/D converter start requests by compare-match A are
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com