Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9461ES Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 18Page - Infineon Technologies AG TLE9461ES Datasheet HTML 19Page - Infineon Technologies AG TLE9461ES Datasheet HTML 20Page - Infineon Technologies AG TLE9461ES Datasheet HTML 21Page - Infineon Technologies AG TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG TLE9461ES Datasheet HTML 23Page - Infineon Technologies AG TLE9461ES Datasheet HTML 24Page - Infineon Technologies AG TLE9461ES Datasheet HTML 25Page - Infineon Technologies AG TLE9461ES Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
22
Rev.1.1
2019-09-27
Table 6 shows the configurations and the device behavior in case of a VCC1 over voltage detection when
VCC1_OV_RST is set:
The respective configuration is stored for all conditions and can only be changed in SBC Init Mode, when RSTN
is ‘Low’ or by powering down the device (VS < VPOR,f) assuming the bit POR is cleared right after the device
power up (see also not on Page 20).
Table 5
Watchdog Trigger Failure Configuration
Config INTN Pin
(CFG0_STATE)
SPI Bit
CFG1
Event
FO Activation
SBC Mode Entry
1
External pull-up 1
1 x Watchdog Failure after 1st WD Failure SBC Restart Mode
2
No ext. pull-up
1
1 x Watchdog Failure after 1st WD Failure SBC Fail-Safe Mode
3
External pull-up 0
1 & 2 x Watchdog
Failure
after 2nd WD Failure SBC Restart Mode
4
No ext. pull-up
0
2 x Watchdog Failure after 2nd WD Failure SBC Fail-Safe Mode1)
1) SBC Restart Mode is entered after the 1. watchdog failure. The 2nd watchdog failure leads to SBC Fail-Safe Mode
Table 6
Device Behavior in Case of VCC1 Over Voltage Detection
Config INTN Pin
(CFG0_STATE)
CFG1
Bit
VCC1_O
V_RST
Event
VCC1_
OV
FO Activation
SBC Mode Entry
1-4
any value
x
0
1 x VCC1 OV
1
no FO activation
unchanged
1
External pull-
up
1
1
1 x VCC1 OV
1
after 1st VCC1 OV SBC Restart Mode
2No ext. pull-up 1
1
1 x VCC1 OV
1
after 1st VCC1 OV SBC Fail-Safe Mode
3
External pull-
up
0
1
1 x VCC1 OV
1
after 1st VCC1 OV SBC Restart Mode
4No ext. pull-up 0
1
1 x VCC1 OV
1
after 1st VCC1 OV SBC Fail-Safe Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com