Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9461ES Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 8Page - Infineon Technologies AG TLE9461ES Datasheet HTML 9Page - Infineon Technologies AG TLE9461ES Datasheet HTML 10Page - Infineon Technologies AG TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG TLE9461ES Datasheet HTML 13Page - Infineon Technologies AG TLE9461ES Datasheet HTML 14Page - Infineon Technologies AG TLE9461ES Datasheet HTML 15Page - Infineon Technologies AG TLE9461ES Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 140 page
background image
Datasheet
12
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
General Product Characteristics
4.2
Functional Range
Note:
Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics
table.
Device Behavior Outside of Specified Functional Range:
• 28V < VS,func < 40V: Device is still functional (including the state machine); the specified electrical
characteristics might not be ensured anymore. The regulators VCC1/2 are working properly, however, a
thermal shutdown might occur due to high power dissipation. The specified SPI communication speed is
ensured; the absolute maximum ratings are not violated, however the device is not intended for
continuous operation of VS >28V. The device operation at high junction temperatures for long periods
might reduce the operating life time;
• VCAN < 4.75V: The undervoltage bit VCAN_UV is set in the SPI register BUS_STAT and the transmitter is
disabled as long as the UV condition is present;
• 5.25V < VCAN < 6.0V: CAN transceiver is still functional. However, the communication might fail due to out-
of-spec operation;
• VPOR,f < VS < 5.5V: Device is still functional; the specified electrical characteristics might not be ensured
anymore:
– The voltage regulators will enter the linear (RDS_On) operation mode ,
– A VCC1_UV reset could be triggered depending on the Vrtx settings,
– GPIO behavior depends on the respective configuration:
- HS/LS switches remain switched On as long as the control voltage is sufficient.
- An unwanted overcurrent shutdown may occur.
- OC shutdown bit set and the respective HS/LS switch will turn Off;
– FO output remains On if it was enabled before VS > 5.5V,
– The specified SPI communication speed is ensured.
Table 2
Functional Range1)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltage
VS,func
VPOR
–28
V
2) VPORseesection
Chapter 12.9
2) Including Power-On Reset, Over- and Undervoltage Protection
P_4.2.1
CAN Supply Voltage
VCAN,func
4.75
–
5.25
V
–
P_4.2.2
SPI Frequency
fSPI
–
–
4
MHz
see
Chapter 13.7 for
fSPI,max
P_4.2.3
Junction Temperature
Tj
-40
–
150
°C
–
P_4.2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com