| Electronic Components Datasheet Search |
|
TLE9461ES Datasheet(PDF) 56 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9461ES Datasheet(HTML) 56 Page - Infineon Technologies AG |
|
56 / 140 page ![]() TLE9461ES Lite CAN SBC Family High-Speed CAN FD Transceiver Datasheet 56 Rev.1.1 2019-09-27 8.2.3 CAN Receive Only Mode In CAN Receive Only Mode (RX only), the driver stage is de-activated but reception is still operational. This mode is accessible by an SPI command in SBC Normal Mode and in SBC Stop Mode. Note: The transceiver is still properly working in Receive Only mode even if VCAN is not available because of an independent receiver supply. 8.2.4 CAN Wake Capable Mode This mode can be used in SBC Stop, Sleep, Restart and Normal Mode by programming via SPI and it is used to monitor bus activities. It is automatically accessed in SBC Fail-Safe Mode. A wake-up signal on the bus results in a change of behavior of the SBC, as described in Table 17. As a signalization to the microcontroller, the RXDCAN pin is set Low and stays Low until the CAN transceiver is changed to any other mode. After a wake-up event, the transceiver can be switched to CAN Normal Mode via SPI for bus communication. As shown in Figure 22, a wake-up pattern (WUP) is signalled on the bus by two consecutive dominant bus levels for at least tWake1 (wake-up time) and less than tWake2, each separated by a recessive bus level of greater than tWake1 and shorter than tWake2. Figure 22 CAN Wake-up Pattern Detection according to the Definition in ISO 11898-2 Rearming the Transceiver for Wake Capability: After a BUS wake-up event, the transceiver is woken. However, the CAN transceiver mode bits will still show Wake Capable (=‘01’) so that the RXDCAN signal is pulled Low. There are two possibilities how the CAN transceiver’s Wake Capable mode is enabled again after a wake-up event: • The CAN transceiver mode must be toggled, i.e. switched from Wake Capable Mode to CAN Normal Mode, CAN Receive Only Mode or CAN Off, before switching to CAN Wake Capable Mode again. Ini Bias off 1 Bias off 2 Bias off 3 Bias on Wait Bias off Bus recessive > tWAKE1 Bus dominant > tWAKE1 optional: tWAKE2 expired Bus recessive > tWAKE1 Bus dominant > tWAKE1 optional: tWAKE2 expired Entering CAN Normal or CAN Recive Only Entering CAN wake capable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |