Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9461ES Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 22Page - Infineon Technologies AG TLE9461ES Datasheet HTML 23Page - Infineon Technologies AG TLE9461ES Datasheet HTML 24Page - Infineon Technologies AG TLE9461ES Datasheet HTML 25Page - Infineon Technologies AG TLE9461ES Datasheet HTML 26Page - Infineon Technologies AG TLE9461ES Datasheet HTML 27Page - Infineon Technologies AG TLE9461ES Datasheet HTML 28Page - Infineon Technologies AG TLE9461ES Datasheet HTML 29Page - Infineon Technologies AG TLE9461ES Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
System Features
Datasheet
26
Rev.1.1
2019-09-27
5.1.4
SBC Sleep Mode
The SBC Sleep Mode is the second level technique to reduce the overall current consumption to a minimum
needed to react on wake-up events or for the SBC to perform autonomous actions (e.g. Cyclic Sense). In this
mode, VCC1 is Off, not supplying the microcontroller anymore. The VCC2 supply can be configured to stay
enabled. The settings have to be done before entering SBC Sleep Mode. A wake-up event on CAN, WK/VSENSE,
FO/GPIO (if configured as wake input) and the internal Timer brings the device via the SBC Restart Mode
subsequently to SBC Normal Mode again and signals the wake source.
The configuration options are listed below:
•VCC1 is always Off
• VCC2 is fixed as configured in SBC Normal Mode
• CAN mode changes automatically from On or Receive Only Mode to Wake Capable mode or can be selected
to be Off
• WK/VSENSE pin is fixed as configured in SBC Normal Mode
• Cyclic Sense is fixed as configured in SBC Normal Mode
• Cyclic Wake is fixed as configured in SBC Normal Mode, it can be the only activated wake source
• Watchdog is Off
• The Charge Pump state is fixed as configured in SBC Normal Mode
• FO output is fixed as configured in SBC Normal Mode is maintained
• GPIO is fixed as configured in SBC Normal Mode, it can be the only wake source if configured as WK/VSENSE
• RSTN is pulled low
• SPI communication and all digital I/Os are disabled because VCC1 is Off
• The Sleep Mode entry is signalled in the SPI register DEV_STAT with the bit DEV_STAT
It is not possible to switch Off all wake sources in SBC Sleep Mode. Doing so sets the SPI_FAIL flag and the
device enters SBC Restart Mode.
In order to enter SBC Sleep Mode successfully, all wake source signalization flags from WK_STAT_0 and
WK_STAT_1 need to be cleared. A failure to do so results in an immediate wake-up from SBC Sleep Mode by
going via SBC Restart to Normal Mode.
All settings must be done before entering SBC Sleep Mode.
Note:
If outputs are kept enabled during SBC Sleep Mode, e.g. HS of GPIO, then the SBC current
consumption increases respectively (see Chapter 4.4).
Note:
The Cyclic Sense function might not work properly anymore in case of a failure event (e.g.
overcurrent, over temperature, reset) because the configured HS of the GPIO and Timer might be
disabled.
Note:
When WK/VSENSE and FO/GPIO are configured for the alternative measurement function
(WK_MEAS = 1) then the pins cannot be selected as wake input sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com