Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9461ES Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 57Page - Infineon Technologies AG TLE9461ES Datasheet HTML 58Page - Infineon Technologies AG TLE9461ES Datasheet HTML 59Page - Infineon Technologies AG TLE9461ES Datasheet HTML 60Page - Infineon Technologies AG TLE9461ES Datasheet HTML 61Page - Infineon Technologies AG TLE9461ES Datasheet HTML 62Page - Infineon Technologies AG TLE9461ES Datasheet HTML 63Page - Infineon Technologies AG TLE9461ES Datasheet HTML 64Page - Infineon Technologies AG TLE9461ES Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
High-Speed CAN FD Transceiver
Datasheet
61
Rev.1.1
2019-09-27
CANH, CANL output voltage
difference slope, dominant
to recessive
Vdiff_slope_dr ––70
V/us 4) 70% to 30% of
measured differential
bus voltage,
CL = 100 pF, RL = 60 Ω
P_9.3.56
Driver Symmetry
VSYM = VCANH + VCANL
VSYM
4.5
–
5.5
V
2)CAN Normal Mode;
VTXDCAN = 0V / 5V;
VCAN = 5V;
CSPLIT = 4.7nF;
50Ω ≤ RL≤ 60Ω;
P_9.3.19
CANH Short Circuit Current
(New ISO requirement)
ICANHsc
-100
-80
-50
mA
CAN Normal Mode;
VCANHshort = -3 V;
VCAN = 5 V
P_9.3.20
CANL Short Circuit Current
(New ISO requirement)
ICANLsc
50
80
100
mA
CAN Normal Mode;
VCANLshort = 18 V;
VCAN = 5 V
P_9.3.21
Leakage Current
ICANH,lk
ICANL,lk
–
25µA
VS = VCAN = 0V;
0V ≤ VCANH,L ≤ 5V;
3)Rtest = 0 / 47kΩ
P_9.3.22
Receiver Output RXDCAN
High-level Output Voltage
VRXDCAN,H
0.8 ×
VCC1
–
–
V
CAN Normal Mode;
IRXDCAN = -2 mA
P_9.3.23
Low-level Output Voltage
VRXDCAN,L
––0.2 ×
Vcc1
V
CAN Normal Mode;
IRXDCAN = 2 mA
P_9.3.24
Transmission Input TXDCAN
High-level Input Voltage
Threshold
VTXDCAN,H
––0.7 ×
Vcc1
V
CAN Normal Mode;
recessive state
P_9.3.25
Low-level Input Voltage
Threshold
VTXDCAN,L
0.3 ×
Vcc1
–
–
V
CAN Normal Mode;
dominant state
P_9.3.26
TXDCAN Input Hysteresis
VTXDCAN,hys 0.08 ×
Vcc1
0.12 ×
Vcc1
0.4 ×
Vcc1
mV
4)
P_9.3.27
TXDCAN Pull-up Resistance RTXDCAN
25
40
75
kΩ
-
P_9.3.28
CAN Transceiver Enabling
Time
tCAN,EN
8
1218µs
8) CSN = High to first
valid transmitted
TXDCAN dominant
P_9.3.29
Dynamic CAN-Transceiver Characteristics
Min. Dominant Time for Bus
Wake-up
tWake1
0.5
1.2
1.8
µs
-12V ≤ VCM(CAN) ≤ 12V;
CAN Wake Capable
Mode
P_9.3.53
Table 18
Electrical Characteristics (cont’d)
Tj = -40°C to +150°C; VS = 5.5 V to 28 V; VCAN = 4.75 V to 5.25 V; RL = 60 Ω; CAN Normal Mode; all voltages with
respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com