| Electronic Components Datasheet Search |
|
TLE9461ES Datasheet(PDF) 83 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9461ES Datasheet(HTML) 83 Page - Infineon Technologies AG |
|
83 / 140 page ![]() TLE9461ES Lite CAN SBC Family Supervision Functions Datasheet 83 Rev.1.1 2019-09-27 Figure 32 Reset Timing Diagram 12.1.2 Soft Reset Description In SBC Normal and SBC Stop Mode, it is also possible to trigger a device internal reset via a SPI command in order to bring the SBC into a defined state in case of failures. In this case the microcontroller must send a SPI command and set the MODE bits to ‘11’ in the M_S_CTRL register. As soon as this command becomes valid, the SBC is set back to SBC INIT Mode and all SPI registers are set to their default values (see SPI Chapter 13.5 and Chapter 13.6). Two different soft reset configurations are possible via the SPI bit SOFT_RESET_RST: • SOFT_RESET_RST = ‘0’: The reset output (RSTN) is triggered when the soft reset is executed (default setting, the same reset delay time tRD1 applies) • SOFT_RESET_RST = ‘1’: The reset output (RSTN) is not triggered when the soft reset is executed Note: The device must be in SBC Normal Mode or SBC Stop Mode when sending this command. Otherwise, the command is ignored. The reset threshold can be configured via SPI in SBC Normal Mode , default is VRT1 tRD1 tLW SBC Init RSTN SPI t VCC1 VRT1 undervoltage tRDx SBC Normal t t tLW t < tRF tRF tCW SBC Restart SBC Normal SPI Init tCW tOW WD Trigger tCW tOW WD Trigger SPI Init tLW= long open window tCW= closed window tOW= open window tRD1 is the default value at device power up . The reset delay time tRDx can be selected via SPI VRT1 is the default value at device power up . The thresholds VRTx can be selected via SPI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |