Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9461ES Datasheet(PDF) 96 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 96 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 92Page - Infineon Technologies AG TLE9461ES Datasheet HTML 93Page - Infineon Technologies AG TLE9461ES Datasheet HTML 94Page - Infineon Technologies AG TLE9461ES Datasheet HTML 95Page - Infineon Technologies AG TLE9461ES Datasheet HTML 96Page - Infineon Technologies AG TLE9461ES Datasheet HTML 97Page - Infineon Technologies AG TLE9461ES Datasheet HTML 98Page - Infineon Technologies AG TLE9461ES Datasheet HTML 99Page - Infineon Technologies AG TLE9461ES Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Supervision Functions
Datasheet
96
Rev.1.1
2019-09-27
Thermal Shutdown TSD1
TjTSD1_1
170
185
200
°C
Tj rising;
TSD_THR = 0
P_13.9.55
Thermal Shutdown TSD1
(high temp)
TjTSD1_2
180
195
210
°C
Tj rising;
TSD_THR = 1
P_13.9.60
Thermal Shutdown TSD2
TjTSD2_1
170
185
200
°C
Tj rising;
TSD_THR = 0
P_13.9.56
Thermal Shutdown TSD2
(high temp)
TjTSD2_2
180
195
210
°C
Tj rising;
TSD_THR = 1
P_13.9.61
Thermal Shutdown
hysteresis
TjTSD,hys
–25
–
°C
–
P_13.9.57
TSD/TPW Filter Time
tTSD_TPW_F
510
14
us
3)rising and falling,
applies to all
thermal sensors
(TPW, TSD1, TSD2)
P_13.9.58
Deactivation time after
thermal shutdown TSD2
tTSD2
0.8
1
1.2
s
3)
P_13.9.59
1) It is ensured that the threshold VCC1,OV,r is always higher than the highest regulated VCC1 output voltage VCC1,out4.
2) The reset delay time starts when VCC1 crosses above the selected Vrtx threshold
3) Not subject to production test, tolerance defined by internal oscillator tolerance.
4) This time applies for all failure entries except a device thermal shutdown (TSD2 has a typ. 1s waiting time tTSD2)
5) Not subject to production test, specified by design.
Table 25
Electrical Characteristics (cont’d)
VS = 5.5 V to 28 V; Tj = -40°C to +150°C; SBC Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com