Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9461ES Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # TLE9461ES
Description  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 74Page - Infineon Technologies AG TLE9461ES Datasheet HTML 75Page - Infineon Technologies AG TLE9461ES Datasheet HTML 76Page - Infineon Technologies AG TLE9461ES Datasheet HTML 77Page - Infineon Technologies AG TLE9461ES Datasheet HTML 78Page - Infineon Technologies AG TLE9461ES Datasheet HTML 79Page - Infineon Technologies AG TLE9461ES Datasheet HTML 80Page - Infineon Technologies AG TLE9461ES Datasheet HTML 81Page - Infineon Technologies AG TLE9461ES Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 140 page
background image
TLE9461ES
Lite CAN SBC Family
Fail Output (FO) and General Purpose I/O (GPIO)
Datasheet
78
Rev.1.1
2019-09-27
•A VS_UV condition is not affecting the behavior of the GPIO.
Note:
After a short-circuit event for either low-side or high-side configuration a minimum recovery time of
25us must be ensured before enabling the respective function again!
Note:
If FO is not enabled then FO/GPIO is also not activated in case of failures. Also the FAILURE bit is set
but it can be cleared. In addition, it is not possible to activate FO/GPIO via FO_ON in this case.
Restart and Soft-Reset Behavior:
The behavior during SBC Restart and Fail-Safe Mode as well as the transition to SBC Normal Mode is as follows:
• if configured as Wake Input: it will stay wake capable during SBC Restart Mode and is an automatic wake
source in SBC Fail-Safe Mode. WK_LVL_STAT is updated but it can only be read when entering again SBC
Normal Mode.
• if configured as Low-Side or High-Side: The switch is disabled during SBC Restart and Fail-Safe Mode. They
stay Off when returning to SBC Normal Mode and can be enabled again via SPI (Restart value is ‘Off’).
• if configured as FO and activated due to a failure: FO stays activated during SBC Restart Mode and when
entering SBC Normal Mode (SPI register is not modified).
• In case of a SBC Soft Reset command the GPIO configuration remains unchanged if CFG_LOCK_0 is set but
the settings for Timer and PWM register are reset.
The detailed behavior for the respective configurations and SBC modes is listed in below table:
Note:
Above mentioned behavior also applies to the PWM operation for LS and HS and for HS Cyclic Sense
function.
Explanation of GPIO states:
• configurable: settings can be changed in this SBC mode
• fixed: settings stay as configured in SBC Normal Mode
• active: FO is activated due to a failure leading to SBC Restart or Fail-Safe Mode.
Table 22
Fail-Output and GPIO configuration behavior during the respective SBC Modes
FO
Configuration
SBC Normal
Mode
SBC Stop Mode SBC Sleep Mode SBC Restart
Mode
SBC Fail-Safe
Mode
FO (default)
configurable
fixed
fixed
active / fixed
active
Off
Off
Off
Off
Off
Wake Input
wake capable
wake capable
wake capable
wake capable
Low-Side
fixed
fixed
Off
Off
High-Side
fixed
fixed
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com