| Electronic Components Datasheet Search |
|
TLE9461ES Datasheet(PDF) 87 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9461ES Datasheet(HTML) 87 Page - Infineon Technologies AG |
|
87 / 140 page ![]() TLE9461ES Lite CAN SBC Family Supervision Functions Datasheet 87 Rev.1.1 2019-09-27 Figure 35 Watchdog disabling sequence in SBC Stop Mode If a sequence error occurs, then the bit WD_STM_ EN_1 is cleared and the sequence has to be started again. The watchdog can be enabled by triggering the watchdog in SBC Stop Mode or by switching back to SBC Normal Mode via SPI command. In both cases the watchdog starts with a long open window and the bits WD_STM_EN_1 and WD_STM_ EN_0 are cleared. After the long open window the watchdog has to be served as configured in the WD_CTRL register. Note: The bit WD_STM_ EN_0 is cleared automatically when the sequence is started and it was ‘1’ before. WD_STM_ EN_0 can also not be set if WD_STM_ EN_1 isn't yet set. 12.2.5 Watchdog Start in SBC Stop Mode due to Bus Wake In SBC Stop Mode the Watchdog can be disabled. In addition a feature is available that starts the watchdog with any Bus wake (CAN) during SBC Stop Mode. This feature is enabled by setting the bit WD_EN_ WK_BUS = 1 (= default value after POR). The bit can only be changed in SBC Normal Mode and needs to be programmed before starting the watchdog disabling sequence. A wake on CAN generates an interrupt and the RXD pin for CAN is pulled to Low. By these signals the microcontroller is informed that the watchdog is startedwith a long open window. After the long open window the watchdog has to be served as configured in the WD_CTRL register. To disable the watchdog again, the SBC has to be switched to Normal Mode and the sequence has to be sent again. Correct WD disabling sequence Set bit WD_STM_EN_1 = 1 Set bit WD_STM_EN_0 = 1 with next WD Trigger WD is switched off Sequence Errors • Missing to set bit WD_STM_EN_0 with the next watchdog trigger after having set WD_STM_EN_1 • Staying in Normal Mode instead of going to Stop Mode with the next trigger Change to SBC Stop Mode Before subsequent WD Trigger Will enable the WD : • Switching back to SBC Normal Mode • Triggering the watchdog |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |