Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 119 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 119 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 115Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 116Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 117Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 118Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 119Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 120Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 121Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 122Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 492 page
background image
Value
Description
0
Pullup disabled for pin n
1
Pullup enabled for pin n
Bits 2:0 – ISC[2:0]: Input/Sense Configuration
These bits configure the input and sense configuration of pin n. The sense configuration determines how
a port interrupt can be triggered. If the input buffer is disabled, the input cannot be read in the IN register.
Value
Name
Description
0x0
INTDISABLE
Interrupt disabled but input buffer enabled
0x1
BOTHEDGES
Sense both edges
0x2
RISING
Sense rising edge
0x3
FALLING
Sense falling edge
0x4
INPUT_DISABLE
Digital input buffer disabled
0x5
LEVEL
Sense low level
other
-
Reserved
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com