Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 120 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 120 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 116Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 117Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 118Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 119Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 120Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 121Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 122Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 123Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 492 page
background image
16.6
Register Summary - VPORT
Offset
Name
Bit Pos.
0x00
DIR
7:0
DIR[7:0]
0x01
OUT
7:0
OUT[7:0]
0x02
IN
7:0
IN[7:0]
0x03
INTFLAGS
7:0
INT[7:0]
16.7
Register Description - Virtual Ports
16.7.1
Data Direction
Writing to the Virtual Port registers has the same effect as writing to the regular registers, but allows for
memory-specific instructions, such as bit-manipulation instructions, which are not valid for the extended
I/O memory space where the regular Port registers reside.
Name: 
DIR
Offset:  0x00
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
DIR[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – DIR[7:0]: Data Direction
This bit field selects the data direction for the individual pins in the Port.
16.7.2
Output Value
Writing to the Virtual Port registers has the same effect as writing to the regular registers, but allows for
memory-specific instructions, such as bit-manipulation instructions, which are not valid for the extended
I/O memory space where the regular Port registers reside.
Name: 
OUT
Offset:  0x01
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
OUT[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – OUT[7:0]: Output Value
This bit field selects the data output value for the individual pins in the Port.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com