Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 124 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 124 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 120Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 121Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 122Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 123Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 124Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 125Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 126Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 127Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 492 page
background image
17.2.2.3 Interrupts
Using the interrupts of this peripheral requires the Interrupt Controller to be configured first.
Related Links
CPUINT - CPU Interrupt Controller
SREG
Interrupts
17.2.2.4 Events
Not applicable.
17.2.2.5 Debug Operation
This peripheral is unaffected by entering debug mode.
The VLM interrupt will not be executed if the CPU is halted in debug mode.
If the peripheral is configured to require periodical service by the CPU through interrupts or similar,
improper operation or data loss may result during halted debugging.
17.3
Functional Description
17.3.1
Initialization
The BOD settings are loaded from fuses during reset. The BOD level and operating mode in Active and
Idle sleep mode are set by fuses and cannot be changed by the CPU. The operating mode in Standby
and Power Down sleep mode is loaded from fuses and can be changed by software.
The Voltage Level Monitor function can be enabled by writing a '1' to the VLM Interrupt Enable bit
(VLMIE) in the Interrupt Control register (BOD.INTCTRL). The VLM interrupt is configured by writing the
VLM Configuration bits (VLMCFG) in BOD.INTCTRL. An interrupt is requested when the supply voltage
crosses the VLM threshold either from above, from below, or from any direction.
The VLM functionality will follow the BOD mode. If the BOD is turned off, the VLM will not be enabled,
even if the VLMIE is '1'. If the BOD is using sampled mode, the VLM will also be sampled. When enabling
VLM interrupt, the interrupt flag will always be set if VLMCFG equals 0x2 and may be set if VLMCFG is
configured to 0x0 or 0x1.
The VLM threshold is defined by writing the VLM Level bits (VLMLVL) in the Control A register
(BOD.VLMCTRLA).
If the BOD/VLM is enabled in sampled mode, only VLMCFG=0x1 (crossing threshold from above) in
BOD.INTCTRL will trigger an interrupt.
17.3.2
Interrupts
Table 17-2. Available Interrupt Vectors and Sources
Offset Name Vector Description
Conditions
0x00
VLM
Voltage Level Monitor Supply voltage crossing the VLM threshold as configured by
VLMCFG in BOD.INTCTRL
When an interrupt condition occurs, the corresponding Interrupt Flag is set in the Interrupt Flags register
of the peripheral (peripheral.INTFLAGS).
An interrupt source is enabled or disabled by writing to the corresponding enable bit in the peripheral's
Interrupt Control register (peripheral.INTCTRL).
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com