Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 127 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 127 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 123Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 124Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 125Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 126Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 127Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 128Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 129Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 130Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 492 page
background image
Bits 1:0 – SLEEP[1:0]: Sleep
These bits select the BOD operation mode when the device is in standby or power-down sleep mode.
These bits are under Configuration Change Protection (CCP).
The Reset value is loaded from the SLEEP bits in FUSE.BODCFG.
Value
Description
0x0
Disabled
0x1
Enabled
0x2
Sampled
0x3
Reserved
17.5.2
Control B
Name: 
CTRLB
Offset:  0x01
Reset: 
Loaded from fuse
Property:
 
-
Bit
7
6
5
4
3
2
1
0
LVL[2:0]
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
x
x
x
Bits 2:0 – LVL[2:0]: BOD Level
These bits selects the BOD threshold level.
The Reset value is loaded from the BOD Level bits (LVL) in the BOD Configuration fuse
(FUSE.BODCFG).
Value
Name
Description
0x0
BODLEVEL0
1.8V
0x1
BODLEVEL1
2.15V
0x2
BODLEVEL2
2.60V
0x3
BODLEVEL3
2.95V
0x4
BODLEVEL4
3.30V
0x5
BODLEVEL5
3.70V
0x6
BODLEVEL6
4.00V
0x7
BODLEVEL7
4.30V
17.5.3
VLM Control A
Name: 
VLMCTRLA
Offset:  0x08
Reset: 
0x00
Property:
 
-
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com