Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 126 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 126 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 122Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 123Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 124Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 125Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 126Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 127Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 128Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 129Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 492 page
background image
17.4
Register Summary - BOD
Offset
Name
Bit Pos.
0x00
CTRLA
7:0
SAMPFREQ
ACTIVE[1:0]
SLEEP[1:0]
0x01
CTRLB
7:0
LVL[2:0]
0x02
...
0x07
Reserved
0x08
VLMCTRLA
7:0
VLMLVL[1:0]
0x09
INTCTRL
7:0
VLMCFG[1:0]
VLMIE
0x0A
INTFLAGS
7:0
VLMIF
0x0B
STATUS
7:0
VLMS
17.5
Register Description
17.5.1
Control A
Name: 
CTRLA
Offset:  0x00
Reset: 
Loaded from fuse
Property:
 
Configuration Change Protection
Bit
7
6
5
4
3
2
1
0
SAMPFREQ
ACTIVE[1:0]
SLEEP[1:0]
Access
R
R
R
R
R
R
R/W
R/W
Reset
0
0
0
x
x
x
x
x
Bit 4 – SAMPFREQ: Sample Frequency
This bit selects the BOD sample frequency.
The Reset value is loaded from the SAMPFREQ bit in FUSE.BODCFG.This bit is under Configuration
Change Protection (CCP).
Value
Description
0x0
Sample frequency is 1kHz
0x1
Sample frequency is 125Hz
Bits 3:2 – ACTIVE[1:0]: Active
These bits selects the BOD operation mode when the device is in active or idle mode.
The Reset value is loaded from the ACTIVE bits in FUSE.BODCFG.These bits are not under
Configuration Change Protection (CCP).
Value
Description
0x0
Disabled
0x1
Enabled
0x2
Sampled
0x3
Enabled with wake-up halted until BOD is ready
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com