Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 129 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 129 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 125Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 126Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 127Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 128Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 129Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 130Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 131Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 132Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 492 page
background image
Bit
7
6
5
4
3
2
1
0
VLMIF
Access
R
R
R
R
R
R
R
R/W
Reset
0
0
0
0
0
0
0
0
Bit 0 – VLMIF: VLM Interrupt Flag
This flag is set when a trigger from the VLM is given, as configured by the VLMCFG bit in the
BOD.INTCTRL register. The flag is only updated when the BOD is enabled.
17.5.6
VLM Status
Name: 
STATUS
Offset:  0x0B
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
VLMS
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bit 0 – VLMS: VLM Status
This bit is only valid when the bod is enabled.
Value
Description
0
The voltage is above the VLM threshold level
1
The voltage is below the VLM threshold level
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com