Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 121 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 121 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 117Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 118Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 119Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 120Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 121Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 122Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 123Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 124Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 492 page
background image
16.7.3
Input Value
Writing to the Virtual Port registers has the same effect as writing to the regular registers, but allows for
memory-specific instructions, such as bit-manipulation instructions, which are not valid for the extended
I/O memory space where the regular Port registers reside.
Name: 
IN
Offset:  0x02
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
IN[7:0]
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – IN[7:0]: Input Value
This bit field holds the value present on the pins if the digital input buffer is enabled.
Writing to a bit of VPORT.IN will toggle the corresponding bit in VPORT.OUT.
16.7.4
Interrupt Flag
Writing to the Virtual Port registers has the same effect as writing to the regular registers, but allows for
memory-specific instructions, such as bit-manipulation instructions, which are not valid for the extended
I/O memory space where the regular Port registers reside.w
Name: 
INTFLAGS
Offset:  0x03
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
INT[7:0]
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – INT[7:0]: Interrupt Pin Flag
The INT flag is set when a pin change/state matches the pin's input sense configuration, and the pin is
configured as source for port interrupt.
Writing a '1' to this flag's bit location will clear the flag.
For enabling and executing the interrupt, refer to PORT_PINnCTRL.ISC.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com